PART |
Description |
Maker |
9290705 9290706 9290707 9290708 9290709 9290710 92 |
IPCMini Single Channel Ion Pump Controller
|
Agilent(Hewlett-Packard...
|
TC1684EUA TC1682 TC1682_05 TC1682EUA TC1683 TC1683 |
Inverting Charge Pump Voltage Doublers with Active High Shutdown
|
MICROCHIP[Microchip Technology]
|
LT3651-4.2 |
Monolithic 4A High Voltage Li-Ion Battery Charger
|
Linear Technology Corporation
|
LTC4075HVXEDD LTC4075HVX |
High Voltage Dual Input Li-Ion/Polymer Battery Charger
|
Linear Technology
|
MC34671AEP_R2 MC34671 |
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
TC1226 TC1227 TC1225 |
TheTC1225/1226/1227 are CMOS dual inverting charge pump voltage converters in 8-Pin MSOP packages. An on-board oscillator provides the clock, and only four external capacitors are required for full circuit implementation. Switching frequen (TC1225 / TC1226 / TC1227) Inverting Dual Charge Pump Voltage Converters
|
Microchip Technology
|
CAT660 CAT660ELA CAT660EVA CAT660EVA-T3 |
100 mA CMOS Charge Pump Inverter/Doubler Charge Pump Voltage Converter SWITCHED CAPACITOR CONVERTER, PDSO8
|
ON Semiconductor
|
TC7660H TC7660HCOA TC7660HEPA TCA7660 TC7660HCPA T |
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER The TC7660H is a pin-compatible,high frequency up-grade to the Industry standard TC7660 charge pump voltage converter.It converts a 1.5V to 10V input to a corresponding – 1.5V to – 10V output using only two low--cost capacito IC-CMOS- BINARY COUNTER 高频7660型DC - DC电压转换 HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER 高频7660型DC - DC电压转换
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc. Microchip Technology Inc.
|
AAT3141 AAT3141ITP-T1 |
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications 高效1x/1.5x/2x电荷泵白光LED应用 High Efficiency 1x/1.5x/2x Mode Charge Pump for White LED Applications From old datasheet system
|
Advanced Analogic Technologies, Inc.
|
TC962COE TC962CPA TC962EPA TC962IJA TC962MJA TC962 |
The TC962 is an advanced version of the industry-standard 7662 high-voltage DC-to-DC converter. Using improved design techniques and CMOS construction, the TC962 can source as much as 80mA versus the 7662 ’s 20mA capability. As an in From old datasheet system High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
TLE4307 TLE4307DV33 TLE4307DV38 |
Voltage Regulator - Power Charge Pump and Low Drop Voltage Regulator Power-Charge-Pump and Low-Drop Voltage Regulator From old datasheet system
|
Infineon Technologies AG
|
BA3170 A5800958 |
Regulator LSIs > Lithium ion battery charger IC > Lithium ion battery charging IC From old datasheet system Trickle-charge IC for two-cell, lithium-ion batteries
|
ROHM[Rohm] Rohm CO.,LTD.
|